Part Number Hot Search : 
1N6311 LBS14 NCV33 NTE99 SMAJ11CA BF1101WR GS1012 H1P141X
Product Description
Full Text Search
 

To Download B78476A8250A003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Magnetics modules for LAN applications
1000 Base-T magnetics module
Ordering code: Date:
B78476A8250A003 July 2008
(c) EPCOS AG 2008. Reproduction, publication and dissemination of this publication, enclosures hereto and the information contained therein without EPCOS' prior express consent is prohibited.
1000 Base-T magnetics module Dual port
B78476A8250A003
Features Ferrite toroid, case and potting (UL 94 V-0) Compliant with IPC/JEDEC J-STD-020C Compliant with IEEE 802.3 MSL level 2 Optimized for full duplex applications RoHS-compatible Marking EPCOS, middle block of ordering code, date code Delivery mode and packing unit 44-mm blister tape, 330-mm reel (cardboard packaging) Packing unit: 350 pcs./reel Dimensional drawing
Layout recommendation
Units: mm [inch] Values without tolerances are nominal values for reference.
Please read Cautions and warnings and Important notes at the end of this document.
Page 2 of 5
1000 Base-T magnetics module Dual port
B78476A8250A003
Pinning
Characteristics and ordering code (electrical specifications at 25 C) Ordering code Turns ratio (primary : secondary) Inductance L Voltage test Vtest Insertion loss Return loss B78476A8250A003 1CT : 1CT 3% 350 H min. 1500 V AC 1.0 dB max. 18 dB min. 16 dB min. 12 dB min. 10 dB min. 40 dB min. 33 dB min. 28 dB min. 40 dB min. 35 dB min. 30 dB min. 0 C ... +70 C Approx. 2.9 g 100 kHz, 100 mV, 8 mA DC bias 50 Hz, 1 min 1 MHz ... 100 MHz 1 MHz ... 40 MHz 50 MHz 60 MHz ... 80 MHz 100 MHz 30 MHz 60 MHz 100 MHz 30 MHz 60 MHz 100 MHz
Crosstalk
Differential to common-mode rejection (DCMR) Operating temperature range Weight
Please read Cautions and warnings and Important notes at the end of this document.
Page 3 of 5
1000 Base-T magnetics module Dual port
B78476A8250A003
Cautions and warnings For soldering conditions please refer to JEDEC J-STD-020C. If the components are to be washed varnished it is necessary to check whether the washing varnish agent that is used has a negative effect on the wire insulation, any plastics that are used, or on glued joints. In particular, it is possible for washing varnish agent residues to have a negative effect in the long-term on wire insulation. The following points must be observed if the components are potted in customer applications: - Many potting materials shrink as they harden. They therefore exert a pressure on the plastic housing or core. This pressure can have a deleterious effect on electrical properties, and in extreme cases can damage the core or plastic housing mechanically. - It is necessary to check whether the potting material used attacks or destroys the wire insulation, plastics or glue. - The effect of the potting material can change the high-frequency behaviour of the components. Ferrites are sensitive to direct impact. This can cause the core material to flake, or lead to breakage of the core. Even for customer-specific products, conclusive validation of the component in the circuit can only be carried out by the customer.
Please read Cautions and warnings and Important notes at the end of this document.
Page 4 of 5
Important notes
The following applies to all products named in this publication: 1. Some parts of this publication contain statements about the suitability of our products for certain areas of application. These statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. We nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. As a rule, EPCOS is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. For these reasons, it is always ultimately incumbent on the customer to check and decide whether an EPCOS product with the properties described in the product specification is suitable for use in a particular customer application. 2. We also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. In customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or lifesaving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. The warnings, cautions and product-specific notes must be observed. 4. In order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous). Useful information on this will be found in our Material Data Sheets on the Internet (www.epcos.com/material). Should you have any more detailed questions, please contact our sales offices. 5. We constantly strive to improve our products. Consequently, the products described in this publication may change from time to time. The same is true of the corresponding product specifications. Please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. We also reserve the right to discontinue production and delivery of products. Consequently, we cannot guarantee that all products named in this publication will always be available. The aforementioned does not apply in the case of individual agreements deviating from the foregoing for customer-specific products. 6. Unless otherwise agreed in individual contracts, all orders are subject to the current version of the "General Terms of Delivery for Products and Services in the Electrical Industry" published by the German Electrical and Electronics Industry Association (ZVEI). 7. The trade names EPCOS, BAOKE, Alu-X, CeraDiode, CSSP, CTVS, DSSP, MiniBlue, MKK, MLSC, MotorCap, PCC, PhaseCap, PhaseMod, SIFERRIT, SIFI, SIKOREL, SilverCap, SIMDAD, SIMID, SineFormer, SIOV, SIP5D, SIP5K, ThermoFuse, WindCap are trademarks registered or pending in Europe and in other countries. Further information will be found on the Internet at www.epcos.com/trademarks.
Page 5 of 5


▲Up To Search▲   

 
Price & Availability of B78476A8250A003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X